|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MC14094B 8-Stage Shift/Store Register with Three-State Outputs The MC14094B combines an 8-stage shift register with a data latch for each stage and a 3-state output from each latch. Data is shifted on the positive clock transition and is shifted from the seventh stage to two serial outputs. The QS output data is for use in high-speed cascaded systems. The QS output data is shifted on the following negative clock transition for use in low-speed cascaded systems. Data from each stage of the shift register is latched on the negative transition of the strobe input. Data propagates through the latch while strobe is high. Outputs of the eight data latches are controlled by 3-state buffers which are placed in the high-impedance state by a logic Low on Output Enable. Features http://onsemi.com MARKING DIAGRAMS PDIP-16 P SUFFIX CASE 648 16 MC14094BCP AWLYYWWG 1 16 SOIC-16 D SUFFIX CASE 751B 1 14094BG AWLYWW * 3-State Outputs * Capable of Driving Two Low-Power TTL Loads or One Low-Power * Input Diode Protection * Data Latch * Dual Outputs for Data Out on Both Positive and * * * Negative Clock Transitions Useful for Serial-to-Parallel Data Conversion Pin-for-Pin Compatible with CD4094B Pb-Free Packages are Available* Schottky TTL Load Over the Rated Temperature Range 16 TSSOP-16 DT SUFFIX CASE 948F 1 14 094B ALYW 16 SOEIAJ-16 F SUFFIX CASE 966 Value Unit V V mA mW C C C A WL, L YY, Y WW, W G = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Indicator 1 MC14094B ALYWG MAXIMUM RATINGS (Voltages Referenced to VSS) Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 1) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) -0.5 to +18.0 -0.5 to VDD + 0.5 10 500 -55 to +125 -65 to +150 260 ORDERING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. 1. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. (c) Semiconductor Components Industries, LLC, 2005 *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. 1 August, 2005 - Rev. 6 Publication Order Number: MC14094B/D MC14094B PIN ASSIGNMENT STROBE DATA CLOCK Q1 Q2 Q3 Q4 VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD OUTPUT ENABLE Q5 Q6 Q7 Q8 QS QS TRUTH TABLE Output Enable 0 0 1 1 1 1 Z = High Impedance Parallel Outputs Strobe X X 0 1 1 1 Data X X X 0 1 1 Q1 Z Z No Chg. 0 1 No Chg. QN Z Z No Chg. QN-1 QN-1 No Chg. Serial Outputs QS* Q7 No Chg. Q7 Q7 Q7 No Chg. QS No Chg. Q7 No Chg. No Chg. No Chg. Q7 Clock X = Don't Care * At the positive clock edge, information in the 7th shift register stage is transferred to Q8 and QS. ORDERING INFORMATION Device MC14094BCP MC14094BCPG MC14094BD MC14094BDG MC14094BDR2 MC14094BDR2G MC14094BDTR2 MC14094BF MC14094BFG MC14094BFEL MC14094BFELG Package PDIP-16 PDIP-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) SOIC-16 SOIC-16 (Pb-Free) TSSOP-16* SOEIAJ-16 SOEIAJ-16 (Pb-Free) SOEIAJ-16 SOEIAJ-16 (Pb-Free) Shipping 500 Units / Rail 500 Units / Rail 48 Units / Rail 48 Units / Rail 2500 Units / Tape & Reel 2500 Units / Tape & Reel 2500 Units / Tape & Reel 50 Units / Rail 50 Units / Rail 2000 Units / Tape & Reel 2000 Units / Tape & Reel For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free. http://onsemi.com 2 II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIII IIII I I I I IIII I II I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II III I I I I I I I I I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I IIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII III I IIIIIIIIIIIIIIIIIIIIII II II IIII I I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I II III I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII IIIIIIIIIIIIIIIIIIIIIIII I IIIIII I I I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I IIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I II IIII III I I I I I I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIII III IIIII I I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIII I I I I I I III II III II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) 3-State Output Leakage Current Total Supply Current (3) (4) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) Quiescent Current (Per Package) Input Capacitance (Vin = 0) Input Current Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) Output Voltage Vin = VDD or 0 (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) Vin = 0 or VDD Characteristic "1" Level "1" Level "0" Level Source Sink Symbol VOH VOL IOH VIH IDD IOL Cin VIL ITL Iin IT VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 15 15 - - 3.0 - 0.64 - 1.6 - 4.2 4.95 9.95 14.95 0.64 1.6 4.2 Min 3.5 7.0 11 2. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 3. The formulas given are for the typical characteristics only at 25_C. 4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL - 50) Vfk where: IT is in mA (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.001. http://onsemi.com MC14094B - - - - - - - - - - - - - 55_C 3 0.1 0.1 0.05 0.05 0.05 Max 5.0 10 20 1.5 3.0 4.0 - - - - - - - - - - - - - - - 2.4 - 0.51 - 1.3 - 3.4 4.95 9.95 14.95 0.51 1.3 3.4 Min 3.5 7.0 11 IT = (4.1 mA/kHz) f + IDD IT = (14 mA/kHz) f + IDD IT = (140 mA/kHz) f + IDD - - - - - - - - - - - - 0.00001 0.0001 Typ (2) - 4.2 - 0.88 - 2.25 - 8.8 0.005 0.010 0.015 25_C 0.88 2.25 8.8 2.75 5.50 8.25 2.25 4.50 6.75 5.0 5.0 10 15 0 0 0 0.1 0.1 0.05 0.05 0.05 Max 5.0 10 20 7.5 1.5 3.0 4.0 - - - - - - - - - - - - - - 1.7 - 0.36 - 0.9 - 2.4 4.95 9.95 14.95 0.36 0.9 2.4 Min 3.5 7.0 11 - - - - - - - - - - - - 125_C 3.0 1.0 0.05 0.05 0.05 Max 150 300 600 1.5 3.0 4.0 - - - - - - - - - - - - - - mAdc mAdc mAdc mAdc mAdc Unit Vdc Vdc Vdc Vdc mA pF II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIII I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIII IIIII IIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I II I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII II III I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIII I IIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII I IIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII IIIIIIIIIIIIIIIIIIIIII II IIII IIII I I IIIIIIIIIIIII I IIIII I I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I III III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I IIIIII IIII IIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIII 5. The formulas given are for the typical characteristics only at 25_C. 6. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. SWITCHING CHARACTERISTICS (5) (CL = 50 pF, TA = 25_C) Strobe Pulse Width Clock Pulse Frequency Clock Rise and Fall Time Clock Pulse Width, High Hold Time Clock to Data Setup Time Data in to Clock Propagation Delay Time Clock to Serial out QS tPLH, tPHL = (0.90 ns/pF) CL + 305 ns tPLH, tPHL = (0.36 ns/pF) CL + 107 ns tPLH, tPHL = (0.26 ns/pF) C L + 82 ns Output Rise and Fall Time tTLH, tTHL = (1.35 ns/pF) CL + 33 ns tTLH, tTHL = (0.6 ns/pF) CL + 20 ns tTLH, tTHL = (0.4 ns/pF) CL + 20 ns Output Enable to Output tPHZ, tPZL = (0.90 ns/pF) CL + 95 ns tPHZ, tPZL = (0.36 ns/PF) CL + 57 ns tPHZ, tPZL = (0.26 ns/pF) CL + 42 ns Strobe to Parallel out tPLH, tPHL = (0.90 ns/pF) CL + 245 ns tPLH, tPHL = (0.36 ns/pF) C L + 127 ns tPLH, tPHL = (0.26 ns/pF) CL + 87 ns Clock to Parallel out tPLH, tPHL = (0.90 ns/pF) CL + 375 ns tPLH, tPHL = (0.35 ns/pF) CL + 177 ns tPLH, tPHL = (0.26 ns/pF) CL + 122 ns Clock to Serial out Q'S tPLH, tPHL = (0.90 ns/pF) CL + 350 ns tPLH, tPHL = (0.36 ns/pF) CL + 149 ns tPLH, tPHL = (0.26 ns/pF) CL + 62 ns tPLZ, tPZH = (0.90 ns/pF) CL + 180 ns tPLZ, tPZH = (0.36 ns/pF) CL + 77 ns tPLZ, tPZH = (0.26 ns/pF) CL + 57 ns Characteristic http://onsemi.com Symbol MC14094B tPHZ, tPZL tPLH, tPHL tTLH, tTHL tPLZ, tPZH tr(cl) tf(cl) tWH tWL tsu fcl th 4 VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5 10 15 Min 200 80 70 200 100 83 125 55 35 0 20 20 - - - - - - - - - - - - - - - - - - - - - - - - - - - Typ (6) - 40 - 10 0 100 40 35 100 50 40 225 95 70 140 75 55 290 145 100 420 195 135 230 110 75 350 125 95 100 50 40 2.5 5.0 6.0 60 30 20 - - - 1.25 2.5 3.0 Max 450 190 140 280 150 110 580 290 200 840 390 270 460 220 150 600 250 190 200 100 80 15 5.0 4.0 - - - - - - - - - - - - MHz Unit ns ns ns ns ns ns ms MC14094B 3-STATE TEST CIRCUIT FOR tPHZ AND tPZH VSS FOR tPLZ AND tPZL VDD O.E. DATA ST CLOCK 1k OUTPUT 50 pF BLOCK DIAGRAM REGISTER STAGE 1 CLOCK 2 CLOCK LATCH 1 STROBE 3-STATE BUFFER 1 VDD 4 Q1 * SERIAL DATA IN CLOCK CLOCK STROBE STROBE CLOCK 15 CLOCK STROBE * OUTPUT ENABLE 2 3 4 5 6 7 REGISTER STAGE 2 REGISTER STAGE 3 REGISTER STAGE 4 REGISTER STAGE 5 REGISTER STAGE 6 REGISTER STAGE 7 LATCH 2 LATCH 3 LATCH 4 LATCH 5 LATCH 6 LATCH 7 3-STATE BUFFER 2 3-STATE BUFFER 3 3-STATE BUFFER 4 3-STATE BUFFER 5 3-STATE BUFFER 6 3-STATE BUFFER 7 5 6 7 14 13 12 Q2 Q3 Q4 Q5 Q6 Q7 8 REGISTER STAGE 8 CLOCK CLOCK LATCH 8 STROBE STROBE CLOCK 3-STATE BUFFER 8 11 Q8 10 CLOCK QS 3 CLOCK 1 * CLOCK CLOCK STROBE STROBE *Input Protection Diodes CLOCK STROBE * CLOCK 9 QS http://onsemi.com 5 MC14094B DYNAMIC TIMING DIAGRAM tWH 3 tr 50% th 50% 90% 10% tf CLOCK tsu 2 DATA IN tWL 1 STROBE 15 OUTPUT ENABLE 50% tPLH 90% 10% tTHL tPHL 90% 10% tPLH 50% tPLH tPLH tPHZ 90% 10% tPHL 50% tPZH tPLZ 50% tPZL 90% 10% N Q1 Q7 tTLH 9 QS tPHL 50% 10 QS 50% http://onsemi.com 6 MC14094B PACKAGE DIMENSIONS PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE T -A- 16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. B 1 8 F S C L -T- H G D 16 PL SEATING PLANE K J TA M M 0.25 (0.010) M DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01 SOIC-16 D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J -A- 16 9 -B- 1 8 P 8 PL 0.25 (0.010) M B S NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019 G F K C -T- SEATING PLANE R X 45 _ M D 16 PL M J 0.25 (0.010) TB S A S http://onsemi.com 7 MC14094B PACKAGE DIMENSIONS TSSOP-16 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948F-01 ISSUE A 16X K REF 0.10 (0.004) 0.15 (0.006) T U S M TU S V S K 16 2X L/2 9 J1 B -U- L PIN 1 IDENT. 1 8 J N 0.15 (0.006) T U S 0.25 (0.010) M A -V- N F DETAIL E C 0.10 (0.004) -T- SEATING PLANE H D G DETAIL E http://onsemi.com 8 CCC EEE CCC EEE CCC K1 SECTION N-N NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_ -W- DIM A B C D F G H J J1 K K1 L M MC14094B PACKAGE DIMENSIONS SOEIAJ-16 F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 966-01 ISSUE O 16 9 LE Q1 E HE M_ L DETAIL P 1 8 Z D e A VIEW P c NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031 b 0.13 (0.005) M A1 0.10 (0.004) http://onsemi.com 9 MC14094B ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative. http://onsemi.com 10 MC14094B/D |
Price & Availability of MC14094B05 |